Part Number Hot Search : 
K2376 00GA1 LTC4055 DIM200 IFR350 BA50DD0T SN74AUC AM85C30
Product Description
Full Text Search
 

To Download SDR0906-152KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features
High inductance up to 1.2 mH E12 series available Wide inductance range RoHS compliant*
Applications
Input/output of DC/DC converters Power supplies for:
*R
oH
S
CO
M
NT
* Portable communications equipment * Camcorders * LCD TVs * Car radios
SDR0906 Series - SMD Power Inductors
Electrical Specifications
Inductance 1kHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Min. (MHz) RDC () I rms Max. (A) I sat Typ. (A)
SDR0906-2R2ML 2.2 SDR0906-2R7ML 2.7 SDR0906-3R9ML 3.9 SDR0906-4R7ML 4.7 SDR0906-5R6ML 5.6 SDR0906-6R8ML 6.8 SDR0906-8R2ML 8.2 SDR0906-100 ML 10 SDR0906-120 ML 12 SDR0906-150 ML 15 SDR0906-180 ML 18 SDR0906-220 ML 22 SDR0906-270 KL 27 SDR0906-330 KL 33 SDR0906-390 KL 39 SDR0906-470 KL 47 SDR0906-560 KL 56 SDR0906-680 KL 68 SDR0906-820 KL 82 SDR0906-101 KL 100 SDR0906-121 KL 120 SDR0906-151 KL 150 SDR0906-181 KL 180 SDR0906-221 KL 220 SDR0906-271 KL 270 SDR0906-331 KL 330 SDR0906-391 KL 390 SDR0906-471 KL 470 SDR0906-561 KL 560 SDR0906-681 KL 680 SDR0906-821 KL 820 SDR0906-102 KL 1000 SDR0906-122 KL 1200 SDR0906-152 KL 1500 SDR0906-182 KL 1800 SDR0906-222 KL 2200 SDR0906-272 KL 2700 SDR0906-332 KL 3300 SDR0906-392 KL 3900 SDR0906-472 KL 4700 SDR0906-562 KL 5600 SDR0906-682 KL 6800 SDR0906-822 KL 8200 SDR0906-103 KL 10000

20 20 20 20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
30 30 28 27 28 27 27 35 35 35 35 35 35 35 25 25 25 20 20 15 15 15 15 20 20 15 15 15 15 15 15 60 60 70 60 94 90 78 96 86 100 90 100 100
7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.252 0.252 0.252 0.252 0.252 0.252 0.252 0.252 0.252 0.252 0.252 0.252 0.0796
105 84 77 55 42 36 29 25 23 22 19 16 15 14 13 12 12 10 9 8 8 7 6 6 5 5 5 5 4 4 3 2 2 2 2 2 1 1 1 1 1 1 1 1
0.03 0.04 0.04 0.05 0.06 0.06 0.07 0.09 0.10 0.11 0.12 0.13 0.15 0.18 0.19 0.23 0.26 0.31 0.33 0.39 0.43 0.56 0.64 0.85 1.00 1.27 1.40 1.63 2.10 2.40 2.75 3.50 4.00 5.00 5.80 8.00 9.00 10.00 13.50 15.00 20.00 23.00 28.00 33.00
4.00 3.50 3.30 3.00 2.80 2.60 2.40 2.10 2.00 1.90 1.80 1.60 1.40 1.25 1.15 1.10 1.05 1.00 0.95 0.90 0.85 0.75 0.70 0.60 0.55 0.50 0.45 0.40 0.32 0.28 0.24 0.22 0.20 0.18 0.17 0.14 0.13 0.12 0.10 0.09 0.07 0.06 0.05 0.04
6.70 6.50 5.50 4.80 4.50 4.20 4.00 3.20 3.10 2.90 2.40 2.40 2.20 2.00 1.60 1.50 1.40 1.40 1.30 1.10 1.10 0.90 0.82 0.80 0.76 0.65 0.64 0.57 0.53 0.46 0.36 0.35 0.28 0.26 0.24 0.23 0.23 0.18 0.18 0.16 0.15 0.14 0.12 0.10
General Specifications Test Frequency ..............................1 KHz Test Voltage........................................1 V Reflow Soldering ...230 C, 50 sec. max. Operating Temperature .-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ..................................260 C for 5 sec. Materials Core ...............................Ferrite DR core Wire ....................Enameled copper wire Base..................................................LCP Adhesive ...............................Epoxy resin Terminal.....................................Cu/Ni/Sn Rated Current ....................Ind. drop 10 % typ. at Isat Temperature Rise ......................40 C max. at rated Irms Packaging.....................600 pcs. per reel Product Dimensions
a b c 2.5 0.3 (.098 .012) 4 2.5 0.3 (.098 .012) 10.5 + 0 (.413 + 0)
DIMENSIONS: MM (INCHES)
1 2.5 0.3 (.098 .012) d
6.3 + 0 (.248 + 0)
11.0 0.5 (.433 .02) 12.5 0.5 (.492 .02)
Recommended Layout
2.2 (.087) 10.3 (.406) 2.2 (.087) 2.5 (.098)
Multiple windings possible (up to four windings). Electrical Schematic
1
4
1.0 (.039)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
14.7 (.579)
SDR0906 Series - SMD Power Inductors
Packaging Specifications
330 (12.99) DIA. 2.0 0.5 (.079 .020)
Materials Paper Plastics
30.4 (1.20)
21 .8 (.827 .031)
13.0 0.5 (.512 .020) DIA. 50.0 (1.969)
THICKNESS 0.10 (.004) MAX. EMBOSSED CAVITY
Typical Part Marking
START 1 8
13.0 0.5 DIA. (.512 .020)
EMBOSSED CARRIER
26 (1.02)
101
FINISH 4 5
DIMENSIONS:
MM (INCHES)
END
4 (.157)
START
24 (.945)
6.85 (.27)
16 (.63)
NO COMPONENT COMPONENTS NO COMPONENT
200 (7.874)
11200 (440.945)
400 (15.748)
USER DIRECTION OF FEED
600 PCS. PER REEL
Strength Of Cover Tape
165 TO 180 TOP COVER TAPE
The force for tearing off cover tape is 10 to 130 grams in the arrow direction.
BASE TAPE
REV. 05/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SDR0906-152KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X